PART |
Description |
Maker |
ITE08C06 ITE08F06 |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 8A I(C) | TO-247AA TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 8A I(C) | TO-220AB 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 8A条一(c)| TO - 220AB现有
|
Continental Device India, Ltd.
|
OM6559SP1 OM6558SP1 OM6545SP1 |
TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 25A I(C) | SIP 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展|5A条(c)的|园区 TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 21A I(C) | SIP 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展| 21A条(c)的|园区 TRANSISTOR | IGBT | N-CHAN | 500V V(BR)CES | 49A I(C) | SIP 晶体管| IGBT的|正陈| 500V五(巴西)国际消费电子展|9A一(c)|园区
|
Electronic Theatre Controls, Inc. OKI SEMICONDUCTOR CO., LTD.
|
HGT1S2N120BNS9A HGTD2N120BNS HGT1S2N120BNS HGTP2N1 |
12A, 1200V, NPT Series N-Channel IGBT TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 12A I(C) | TO-263AB
|
Fairchild Semiconductor
|
F8A10G |
TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 8A I(C) | TO-247 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展| 8A条一(c)|47
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|
F400R06KF |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 400A I(C) | MODULE-S 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展|四楼一(c)|模块
|
Thomas
|
ITS18F03B |
TRANSISTOR | IGBT | N-CHAN | 300V V(BR)CES | 36A I(C) | TO-220AB 晶体管| IGBT的|正陈| 300V五(巴西)国际消费电子展|6A一(c)| TO - 220AB现有
|
Continental Device India, Ltd.
|
IXSK40N60BD1 |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 75A I(C) | TO-264AA 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 75A条一(c)|64AA
|
IXYS, Corp.
|
IXGP15N120B |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 30A I(C) | TO-220AB 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展| 30A条一(c)| TO - 220AB现有
|
Maxim Integrated Products
|
F25A12GF |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 25A I(C) | TO-247VAR 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展|5A一(c)|47VAR
|
MEAN WELL Enterprises Co., Ltd.
|
IXSH35N100 |
TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 35A I(C) | TO-247AD 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展| 35A条一(c)|采用TO - 247AD
|
PerkinElmer, Inc.
|
IRG4BC30S-S IRG4BC30SS IRG4BC30S-STRL IRG4BC30S-ST |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 18A I(C) | TO-263AB 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 18A条一(c)|63AB INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A) 绝缘栅双极晶体管IGBT的标准速度(VCES和\u003d 600V电压的Vce(on)典\u003d.4V,@和VGE \u003d 15V的,集成电路\u003d 18A条) INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V Vce(on)typ.=1.4V @Vge=15V Ic=18A) 600V DC-1 kHz (Standard) Discrete IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
GT5J331_SM GT5J311 GT5J331SM GT5J311SM |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 5A I(C) | TO-263AB N CHANNEL IGBT(HIGH POWER SWITCHING/ MOTOR CONTROL APPLICATIONS) N CHANNEL IGBT(HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|